-st: straight orientation -pn4: panel mount termination plating specification -p: pcb type -j: jack gender SMA-J-P-X-ST-PN4-SKT do not scale from this print 1.00 0.20 0.030 4.98 7.48 10.46 1.00 "a" "a" 1.30 - 0.03 0.00 3.00 - 0.10 0.00 2.50 0.07 0.96 0.030 0.10 45 x 30 (2 plcs) 2.00 section "a"-"a" 45 x 0.10 (2 plcs) c4 c1 check component plating here -a- 120 ref 0.30 ref 1.50 0.00 + 0.05 (over knurl) 0.84 0.030 33 ref straight knurl pitch = 0.40 depth = 0.10 c2 c3 .041 a fig. 1 SMA-J-P-X-ST-PN4-SKT c -h: heavy gold -x: unplated c rf plating specifications table option plating plating surface area -h .000030" min. gold over .000050" min. nickel 0.09 sq. in. sheet of unless otherwise specified, dimensions are in millimeters. tolerances are: decimals angles x.x: 0.3 2 x.xx: 0.05 x.xxx: 0.025 material: sma straight, panel mount jack- 50 ohm by: SMA-J-P-X-ST-PN4-SKT dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing r musser 01/28/2008 1 1 sheet scale: 12:1 c:\enterprisevault\dwg\misc\mktg\SMA-J-P-X-ST-PN4-SKT-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322 becu c17300 heat treat: notes: 1. represents a critical dimension. 2. fabricated parts must be free of scratches, tool marks, etc. 3. supplier to remove burrs. 4. rohs compliant. 5. surface finish to be 10 p " rms prior to plating. 6. see plating standard co-pl-frm-7001-m. 315c 120 minutes revision b
|